Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce BAT54
Description  Small signal Schottky diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button BAT54_V01 Datasheet HTML 6Page - STMicroelectronics BAT54_V01 Datasheet HTML 7Page - STMicroelectronics BAT54_V01 Datasheet HTML 8Page - STMicroelectronics BAT54_V01 Datasheet HTML 9Page - STMicroelectronics BAT54_V01 Datasheet HTML 10Page - STMicroelectronics BAT54_V01 Datasheet HTML 11Page - STMicroelectronics BAT54_V01 Datasheet HTML 12Page - STMicroelectronics BAT54_V01 Datasheet HTML 13Page - STMicroelectronics BAT54_V01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Package information
BAT54
10/15
DocID5505 Rev 12
Figure 18. SOT23 footprint dimensions in mm (inches)
Table 9. SOT23 dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.89
1.4
0.035
0.055
A1
0
0.1
0
0.004
B
0.3
0.51
0.012
0.02
c
0.085
0.18
0.003
0.007
D
2.75
3.04
0.108
0.12
e
0.85
1.05
0.033
0.041
e1
1.7
2.1
0.067
0.083
E
1.2
1.75
0.047
0.069
H
2.1
3.00
0.083
0.118
L
0.6
0.024
S
0.35
0.65
0.014
0.026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15