Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT41ZFILM Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce BAT41ZFILM
Description  Low capacitance small signal Schottky diodes
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT41ZFILM Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button BAT41ZFILM Datasheet HTML 3Page - STMicroelectronics BAT41ZFILM Datasheet HTML 4Page - STMicroelectronics BAT41ZFILM Datasheet HTML 5Page - STMicroelectronics BAT41ZFILM Datasheet HTML 6Page - STMicroelectronics BAT41ZFILM Datasheet HTML 7Page - STMicroelectronics BAT41ZFILM Datasheet HTML 8Page - STMicroelectronics BAT41ZFILM Datasheet HTML 9Page - STMicroelectronics BAT41ZFILM Datasheet HTML 10Page - STMicroelectronics BAT41ZFILM Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
3
Ordering information
Figure 12. Ordering information scheme
BAT41
xx xx FILM
Signal Schottky diodes
Package
RRM
V
= 100 V
K = SOD-523
No letter = Single diode
Z = SOD-123
Configuration
Packing
FILM = Tape and reel
Table 7. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
BAT41ZFILM
Z41
SOD-123 Single
10 mg
3000
Tape and reel
BAT41KFILM
41
SOD-523 Single
1.4 mg
3000
Tape and reel
BAT41
Ordering Information
DS4884 - Rev 3
page 9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11