Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

K24C160-RERG-A Fiches technique(PDF) 9 Page - Estek Electronics Co. Ltd

No de pièce K24C160-RERG-A
Description  8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ESTEK [Estek Electronics Co. Ltd]
Site Internet  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

K24C160-RERG-A Fiches technique(HTML) 9 Page - Estek Electronics Co. Ltd

Back Button K24C160-RERG-A Datasheet HTML 5Page - Estek Electronics Co. Ltd K24C160-RERG-A Datasheet HTML 6Page - Estek Electronics Co. Ltd K24C160-RERG-A Datasheet HTML 7Page - Estek Electronics Co. Ltd K24C160-RERG-A Datasheet HTML 8Page - Estek Electronics Co. Ltd K24C160-RERG-A Datasheet HTML 9Page - Estek Electronics Co. Ltd K24C160-RERG-A Datasheet HTML 10Page - Estek Electronics Co. Ltd K24C160-RERG-A Datasheet HTML 11Page - Estek Electronics Co. Ltd K24C160-RERG-A Datasheet HTML 12Page - Estek Electronics Co. Ltd K24C160-RERG-A Datasheet HTML 13Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
P R O M
¡Absolute Maximum Stress Ratings
DC Supply Voltage . . . . . . . . . . . . . . . . .-0.3V to +6.5V
Input / Output Voltage . . . . . . . .GND-0.3V to VCC+0.3V
Operating Ambient Temperature . . . . . -40。C to +85。C
Storage Temperature . . . . . . . . . . . . -65。C to +150。C
Electrical Characteristics
¡Comments
Stresses above those listed under "Absolute Maximum Ratings"
may cause permanent damage to this device. These are stress
ratings only. Functional operation of this device at these or any
other conditions above those indicated in the operational sections
of this specification is not implied or intended. Exposure to the
absolute maximum rating conditions for extended periods may
affect device reliability.
DC Electrical Characteristics
¡Applicable over recommended operating range from: TA= -40
。C to +85 。C, VCC = +1.8V to +5.5V (unless otherwise noted)
Parameter
Supply Voltage
Supply Current VCC = 5.0V
Supply Current VCC = 5.0V
Standby Current
5.5
1.0
3.0
1.0
Max.
READ at 100 kHz
WRITE at 100 kHz
VIN = VCC or GND
Condition
1.8
-
-
-
Min.
VCC
ICC1
ICC2
ISB
Symbol
-
0.4
2.0
-
Typ.
V
mA
mA
Unit
A
Input Leakage Current
Output Leakage Current
Input Low Level
Output Low Level VCC =1.8V
Output Low Level VCC =5.0V
Input High Level
Output Low Level VCC =3.0V
3.0
3.0
VCC X 0.3
0.2
0.4
VCC + 0.5
0.4
VIN = VCC or GND
VOUT = VCC or GND
IOL = 0.15 mA
IOL = 3.0 mA
IOL = 2.1 mA
-
-
-0.6
-
-
VCC X 0.7
-
ILI
ILO
VIL
VOL1
VOL3
VIH
VOL2
-
0.05
-
-
-
-
-
V
V
V
V
V
A
A
Pin Capacitance
¡Applicable over recommended operating range from TA = 25
。C, f = 1.0 MHz, VCC = +1.8V
Parameter
Input/Output Capacitance (SDA)
Input Capacitance (A0, A1, A2,
8
6
Max.
VIN = 0V
Condition
-
-
Min.
CI/O
CIN
Symbol
-
-
Typ.
pF
pF
Unit
SCL)
VI/O = 0V
9
BEIJING ESTEK ELECTRONICS CO.,LTD
24C02 / 24C04 / 24C08 / 24C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com