Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RD35T-R33K-H Fiches technique(PDF) 2 Page - ABCO ELECTRONICS CO.LTD

No de pièce RD35T-R33K-H
Description  RADIAL LEADED INDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABCO [ABCO ELECTRONICS CO.LTD]
Site Internet  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

RD35T-R33K-H Fiches technique(HTML) 2 Page - ABCO ELECTRONICS CO.LTD

  RD35T-R33K-H Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD RD35T-R33K-H Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD RD35T-R33K-H Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD RD35T-R33K-H Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD RD35T-R33K-H Datasheet HTML 5Page - ABCO ELECTRONICS CO.LTD RD35T-R33K-H Datasheet HTML 6Page - ABCO ELECTRONICS CO.LTD RD35T-R33K-H Datasheet HTML 7Page - ABCO ELECTRONICS CO.LTD RD35T-R33K-H Datasheet HTML 8Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
58
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
RADIAL LEADED INDUCTORS
Symbol
Dimensions
RD35HRD35
RD40
RD45
T
t
D1
P0
W0
W2
¿D
L
W
H
P
P2
Æh
D2
H1
H0
H2
W1
W3
¿d
P1
F
t
T
D1
P0
W0
W2
L
W
P
P2
∆h
D2
H1
H0
H2
W1
P1
F
d
D
D1
D2
H1
H2
H0
P
P0
P1
P2
F
∆h
W
W0
W1
W2
øD
ød
L
t
6.0max.
4.0max.
26max.
9max.
7.5max.
4.0max.
26max.
5max.
5.0
+0.8
-0.3
9
+0.75
-0.5
0.50
± 0.05
8.0max.
5.0max.
27.5max.
10.5max.
0.0
± 2.0
6.0
± 0.1
6.5
≤ H0 - W1
12.7
± 1.0
12.7
± 0.3
3.85
± 0.5
6.35
± 1.3
18
+1.0
-0.5
T
≥ W2
4.0
± 0.3
11.0max.
0.5
± 2.0
9.5max.
6.0max.
27.5max.
10.5max.
Unit: mm
■TAPING DIMENSIONS
5.0
+0.6
-0.2
9
+1.0
-0.5
0.60
± 0.05
P0: Accumulated error for 20 pitches is
± 1mm
W2: Bonding tape must not protrude from the base tape.
Note 1. No more than 3 consecutive pieces can be omitted.



Html Pages

1 2 3 4 5 6 7 8