| Moteur de recherche de fiches techniques de composants électroniques |
|
CY8C3867PVC Fiches technique(PDF) 2 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CY8C3867PVC Fiches technique(HTML) 2 Page - Infineon Technologies AG |
|
2 / 140 page ![]() PSoC® 5LP: CY8C58LP Family Datasheet Programmable System-on-Chip (PSoC®) Cypress Semiconductor Corporation • 198 Champion Court • San Jose , CA 95134-1709 • 408-943-2600 Document Number: 001-84932 Rev. *N Revised November 27, 2019 General Description PSoC® 5LP is a true programmable embedded system-on-chip, integrating configurable analog and digital peripherals, memory, and a microcontroller on a single chip. The PSoC 5LP architecture boosts performance through: 32-bit Arm Cortex-M3 core plus DMA controller and digital filter processor, at up to 80 MHz Ultra low power with industry's widest voltage range Programmable digital and analog peripherals enable custom functions Flexible routing of any analog or digital peripheral function to any pin PSoC devices employ a highly configurable system-on-chip architecture for embedded control design. They integrate configurable analog and digital circuits, controlled by an on-chip microcontroller. A single PSoC device can integrate as many as 100 digital and analog peripheral functions, reducing design time, board space, power consumption, and system cost while improving system quality. Features Operating characteristics Voltage range: 1.71 to 5.5 V, up to 6 power domains Temperature range (ambient): –40 to 85 °C [1] Extended temperature parts: –40 to 105 °C DC to 80-MHz operation Power modes • Active mode 3.1 mA at 6 MHz, and 15.4 mA at 48 MHz • 2-µA sleep mode • 300-nA hibernate mode with RAM retention Boost regulator from 0.5-V input up to 5-V output Performance 32-bit Arm Cortex-M3 CPU, 32 interrupt inputs 24-channel direct memory access (DMA) controller 24-bit 64-tap fixed-point digital filter processor (DFB) Memories Up to 256 KB program flash, with cache and security features Up to 32 KB additional flash for error correcting code (ECC) Up to 64 KB RAM 2 KB EEPROM Digital peripherals Four 16-bit timer, counter, and PWM (TCPWM) blocks I2C, 1 Mbps bus speed USB 2.0 certified Full-Speed (FS) 12 Mbps peripheral inter- face (TID#10840032) using internal oscillator[2] Full CAN 2.0b, 16 Rx, 8 Tx buffers 20 to 24 universal digital blocks (UDB), programmable to create any number of functions: • 8-, 16-, 24-, and 32-bit timers, counters, and PWMs •I2C, UART, SPI, I2S, LIN 2.0 interfaces • Cyclic redundancy check (CRC) • Pseudo random sequence (PRS) generators • Quadrature decoders • Gate-level logic functions Programmable clocking 3- to 74-MHz internal oscillator, 1% accuracy at 3 MHz 4- to 25-MHz external crystal oscillator Internal PLL clock generation up to 80 MHz Low-power internal oscillator at 1, 33, and 100 kHz 32.768-kHz external watch crystal oscillator 12 clock dividers routable to any peripheral or I/O Analog peripherals Configurable 8- to 20-bit delta-sigma ADC Up to two 12-bit SAR ADCs Four 8-bit DACs Four comparators Four opamps Four programmable analog blocks, to create: • Programmable gain amplifier (PGA) • Transimpedance amplifier (TIA) •Mixer • Sample and hold circuit CapSense® support, up to 62 sensors 1.024 V ±0.1% internal voltage reference Versatile I/O system 46 to 72 I/O pins – up to 62 general-purpose I/Os (GPIOs) Up to eight performance I/O (SIO) pins • 25 mA current sink • Programmable input threshold and output high voltages • Can act as a general-purpose comparator • Hot swap capability and overvoltage tolerance Two USBIO pins that can be used as GPIOs Route any digital or analog peripheral to any GPIO LCD direct drive from any GPIO, up to 46 × 16 segments CapSense support from any GPIO 1.2-V to 5.5-V interface voltages, up to four power domains Programming, debug, and trace JTAG (4-wire), serial wire debug (SWD) (2-wire), single wire viewer (SWV), and Traceport (5-wire) interfaces Arm debug and trace modules embedded in the CPU core Bootloader programming through I2C, SPI, UART, USB, and other interfaces Package options: 68-pin QFN, 100-pin TQFP, and 99-pin CSP Development support with free PSoC Creator™ tool Schematic and firmware design support Over 100 PSoC Components™ integrate multiple ICs and system interfaces into one PSoC. Components are free embedded ICs represented by icons. Drag and drop component icons to design systems in PSoC Creator. Includes free GCC compiler, supports Keil/Arm MDK compiler Supports device programming and debugging Notes 1. The maximum storage temperature is 150 °C in compliance with JEDEC Standard JESD22-A103, High Temperature Storage Life. 2. This feature on select devices only. See Ordering Information on page 127 for details. |