Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF40107 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce HCF40107
Description  DUAL 2-INPUT NAND BUFFER/DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40107 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button HCF40107 Datasheet HTML 6Page - STMicroelectronics HCF40107 Datasheet HTML 7Page - STMicroelectronics HCF40107 Datasheet HTML 8Page - STMicroelectronics HCF40107 Datasheet HTML 9Page - STMicroelectronics HCF40107 Datasheet HTML 10Page - STMicroelectronics HCF40107 Datasheet HTML 11Page - STMicroelectronics HCF40107 Datasheet HTML 12Page - STMicroelectronics HCF40107 Datasheet HTML 13Page - STMicroelectronics HCF40107 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SO8 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.25
0.003
0.009
a2
1.65
0.064
a3
0.65
0.85
0.025
0.033
b
0.35
0.48
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.25
0.5
0.010
0.019
c1
45
° (typ.)
D
4.8
5.0
0.188
0.196
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
3.81
0.150
F
3.8
4.0
0.14
0.157
L
0.4
1.27
0.015
0.050
M
0.6
0.023
S8
° (max.)
P013M
HCC/HCF40107B
12/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14