| Moteur de recherche de fiches techniques de composants électroniques |
|
TMUX1237 Fiches technique(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMUX1237 Fiches technique(HTML) 29 Page - Texas Instruments |
|
29 / 32 page ![]() www.ti.com PACKAGE OUTLINE C 0.22 0.08 TYP 0.15 2.4 1.8 4X 0.65 1.1 0.8 0.1 0.0 TYP 6X 0.30 0.15 NOTE 5 0.46 0.26 TYP 8 0 TYP 1.3 4X 0 -12 4X 4 -15 A 2.15 1.85 B 1.4 1.1 SOT - 1.1 max height DCK0006A SMALL OUTLINE TRANSISTOR 4214835/D 11/2024 NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. Body dimensions do not include mold flash or protrusion. Mold flash and protrusion shall not exceed 0.15 per side. 4. Falls within JEDEC MO-203 variation AB. 1 3 4 6 2 INDEX AREA PIN 1 NOTE 5 0.1 C A B GAGE PLANE SEATING PLANE 0.1 C SCALE 5.600 |