| Moteur de recherche de fiches techniques de composants électroniques |
|
B04B-PASK Fiches technique(PDF) 7 Page - JST Mfg. Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
B04B-PASK Fiches technique(HTML) 7 Page - JST Mfg. Co., Ltd. |
|
7 / 12 page ![]() PA FAMILY SERIES 7 Through-hole type shrouded header Q'ty / bag Circuits Model No. CD AB Dimensions(mm) 5 8 11 12 BE05B-PASK BE08B-PASK BE11B-PASK BE12B-PASK 12.4 18.4 24.4 26.4 5.5 5.5 12.0 12.0 300 200 150 150 8.0 14.0 20.0 22.0 12.0 18.0 24.0 26.0 Material and Finish Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment) Wafer: Glass-filled PBT, UL94V-0, natural RoHS compliance This product displays (LF)(SN) on a label. Note: C and D dimensions; Refer to the PCB layout bottom type (P3). Circuit No.1 A B 9 □ 0.5 5.3 2 A B 2 9 □ 0.5 5.3 Circuit No.1 Bottom type (5, 8 circuits) (11, 12 circuits) |