Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC-HT860 Fiches technique(PDF) 6 Page - Panasonic Semiconductor

No de pièce SC-HT860
Description  DVD Home Theater Sound System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SC-HT860 Fiches technique(HTML) 6 Page - Panasonic Semiconductor

Back Button SC-HT860 Datasheet HTML 2Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 3Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 4Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 5Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 6Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 7Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 8Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 9Page - Panasonic Semiconductor SC-HT860 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
K
CMY
CY
MY
CM
Y
M
C
06.eps 175 lpi
45˚
black
1
2
silvery
silvery
Step
Connect the speakers
Speaker cables
5m cable x3
10m cable x2
Stickers for
speaker cables
Stick the peeled-off stickers onto speaker cables
Sticking peeled-off stickers on speaker cables may facilitate connection.
Brassy
Brassy
Brassy
silvery
Connect the speakers
Keep the numbers on peeled-off stickers for speaker cables to be consistent with those on the terminals.
5m cable
10m cable
Front speaker
(left)
Active subwoofers
Active subwoofers
Front speaker
(right)
Center speaker
Center speaker
Note
Do not lead to short circuit in positive/ negative pole of speaker cable.
Make sure to connect the positive pole (brassy color) of cable to terminal (+),
the negative pole (silvery color) of speaker cable to terminal (-). Incorrect connection may damage the speaker.
Click!
Click!
Front speaker
(left)
Front speaker
(right)
Surround speaker
(left)
Surround
speaker (right)
Surround speaker
(left)
Surround
speaker (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com