Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM34TR Fiches technique(PDF) 82 Page - STMicroelectronics

No de pièce STPM34TR
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM34TR Fiches technique(HTML) 82 Page - STMicroelectronics

Back Button STPM34TR Datasheet HTML 78Page - STMicroelectronics STPM34TR Datasheet HTML 79Page - STMicroelectronics STPM34TR Datasheet HTML 80Page - STMicroelectronics STPM34TR Datasheet HTML 81Page - STMicroelectronics STPM34TR Datasheet HTML 82Page - STMicroelectronics STPM34TR Datasheet HTML 83Page - STMicroelectronics STPM34TR Datasheet HTML 84Page - STMicroelectronics STPM34TR Datasheet HTML 85Page - STMicroelectronics STPM34TR Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 89 page
background image
Revision history
Table 67. Document revision history
Date
Version
Changes
31-Mar-2014
1
Initial release.
16-Oct-2014
2
Updated Features.
Updated Table 2, from Table 14, to Table 18, from Table 21, to Table 23;
updated Table 33, Table 35, Table 36, Table 40, Table 41and from Table 44 to
Table 66. Changed title of Figure 15.
Updated Figure 22, Figure 31.
Updated Section 8.2.1, Section 8.2.3,Section 8.3.1, Section 8.4.12, Section
8.6.3.
Minor text changes.
01-Oct-2015
3
Updated Features.
Updated Section 8.2.1, Section 8.3.3,Section 8.3.6, Section 8.4, Section 8.4.3,
Section 8.4.4, Section 8.4.12, Section 8.4.13, Period measurement, Sag and
swell threshold calculation.
Added note to Interrupt control mask register.
Updated Table 5, Table 22, Table 42,Table 44, Table 45, Table 56, Table 57,
Table 58, Table 59, Table 60, Table 61.
Updated equations in Table 14,Table 15, Table 16, Table 17, Table 18, Table
20, Table 35, Table 37, Table 39, Table 40.
Updated Equation 29.
Added Figure 8, Figure 9,Figure 10 and Figure 29.
Updated Figure 26, Figure 27, Figure 28, Figure 31, Figure 32, Figure 35,
Figure 36, Figure 45.
Changed Figure 46.
31-Aug-2016
4
Added Figure 56: QFN32L 5x5x1 mm 0.5pitch recommended footprint.
Minor text changes.
02-Nov-2016
5
Updated Table 5, Table 9 and changed Figure 23.
Added Section11.3: QFN24L (4x4x1) packing information and Section11.4:
QFN32L (5x5x1) packing information.
11-Sep-2017
6
Updated Table 5, Table 14, Table 42, Table 48 and Table 60.
12-Jan-2018
7
Updated Table 3 and Table 5 . Minor modifications throughout document
14-Dec-2018
8
Updated Table 5, Table 44, and Table 45. Changed Figure 23 and amended
Section 8.4 and Section 8.4.10
24-Jan-2022
9
Updated Table 1, Table 4, Table 5, Section 8.5, Table 22, Section 8.6,
Section 9.2.
9-Feb-2022
10
Measurement units typos corrected in Section 8.4.8 Zero-crossing signal,
Section 8.4.9 Phase meter, Section 8.4.10 Sag and swell detection and
Section 8.6.2 SPI peripheral.
23-May-2022
11
Equation values changed in Table 14 (second line)
04-Jul-2022
12
Corrected last formula for LSBe in Table 34
25-Sep-2023
13
Corrected formula of register value at IN in Table 36; updated Figure 55
STPM32, STPM33, STPM34
DS10272 - Rev 13
page 82/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89