Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM33 Fiches technique(PDF) 86 Page - STMicroelectronics

No de pièce STPM33
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM33 Fiches technique(HTML) 86 Page - STMicroelectronics

Back Button STPM33 Datasheet HTML 81Page - STMicroelectronics STPM33 Datasheet HTML 82Page - STMicroelectronics STPM33 Datasheet HTML 83Page - STMicroelectronics STPM33 Datasheet HTML 84Page - STMicroelectronics STPM33 Datasheet HTML 85Page - STMicroelectronics STPM33 Datasheet HTML 86Page - STMicroelectronics STPM33 Datasheet HTML 87Page - STMicroelectronics STPM33 Datasheet HTML 88Page - STMicroelectronics STPM33 Datasheet HTML 89Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 86 / 89 page
background image
Table 54.
Row 13, digital front end control register 2 (DFE_CR2) ......................................... 66
Table 55.
Row 14, DSP interrupt control mask register 1 (DSP_IRQ1) ..................................... 66
Table 56.
Row 15, DSP interrupt control mask register 2 (DSP_IRQ2) ..................................... 67
Table 57.
Row 16, DSP status register 1 (DSP_SR1) ................................................. 68
Table 58.
Row 17, DSP status register 2 (DSP_SR2) ................................................. 69
Table 59.
Row 18, UART/SPI control register 1 (US_REG1) ............................................ 70
Table 60.
UART/SPI control register 2 (US_REG2)................................................... 70
Table 61.
Row 20, UART/SPI control register 3 (US_REG3) ............................................ 70
Table 62.
Row 21, DSP live event 1 (DSP_EV1) .................................................... 71
Table 63.
Row 22, DSP live event 2 (DSP_EV2) .................................................... 72
Table 64.
QFN24L (4x4x1) 0.5 pitch package mechanical data .......................................... 76
Table 65.
QFN32L (5x5x1) 0.5 pitch package mechanical data .......................................... 78
Table 66.
Device summary ................................................................... 81
Table 67.
Document revision history ............................................................. 82
STPM32, STPM33, STPM34
List of tables
DS10272 - Rev 13
page 86/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89