Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPM32 Fiches technique(PDF) 85 Page - STMicroelectronics

No de pièce STPM32
Description  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 Fiches technique(HTML) 85 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 81Page - STMicroelectronics STPM32_V02 Datasheet HTML 82Page - STMicroelectronics STPM32_V02 Datasheet HTML 83Page - STMicroelectronics STPM32_V02 Datasheet HTML 84Page - STMicroelectronics STPM32_V02 Datasheet HTML 85Page - STMicroelectronics STPM32_V02 Datasheet HTML 86Page - STMicroelectronics STPM32_V02 Datasheet HTML 87Page - STMicroelectronics STPM32_V02 Datasheet HTML 88Page - STMicroelectronics STPM32_V02 Datasheet HTML 89Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 89 page
background image
List of tables
Table 1.
STPM34, STPM33, STPM32 pin description ................................................. 5
Table 2.
Absolute maximum ratings ............................................................. 7
Table 3.
Thermal data....................................................................... 7
Table 4.
Electrical characteristics ............................................................... 8
Table 5.
Programmable pin functions ........................................................... 12
Table 6.
Suggested external components in metering applications ....................................... 15
Table 7.
Convention table ................................................................... 16
Table 8.
Temperature compensation selection ..................................................... 20
Table 9.
Current channel input preamplifier gain selection ............................................. 21
Table 10.
Clock tree ........................................................................ 23
Table 11.
LPWx bits ........................................................................ 27
Table 12.
STPM3x internal parameters ........................................................... 32
Table 13.
STPM3x basic calculations ............................................................ 32
Table 14.
STPM3x current voltage LSB values...................................................... 34
Table 15.
Voltage sag ....................................................................... 39
Table 16.
Voltage swell ...................................................................... 40
Table 17.
Current swell ...................................................................... 40
Table 18.
Tamper tolerance setting.............................................................. 40
Table 19.
AH accumulator LSB ................................................................ 42
Table 20.
Live events ....................................................................... 42
Table 21.
Status register ..................................................................... 43
Table 22.
Communication pin description ......................................................... 45
Table 23.
Communication session structures ....................................................... 45
Table 24.
SPI control register.................................................................. 48
Table 25.
LSBfirst example ................................................................... 49
Table 26.
LSBfirst and MISO line ............................................................... 49
Table 27.
LSBfirst programming................................................................ 49
Table 28.
CRCenable programming ............................................................. 49
Table 29.
UART control register US_REG1 ........................................................ 50
Table 30.
UART control register US_REG2 ........................................................ 51
Table 31.
Baud rate register examples ........................................................... 52
Table 32.
UART/SPI status and interrupt control register ............................................... 52
Table 33.
Example 1 design data ............................................................... 55
Table 34.
Example 1 calculated data ........................................................... 55
Table 35.
LPWx bits, Cp, LED frequency relationships ................................................ 55
Table 36.
Calibration target values .............................................................. 56
Table 37.
Calibrator calculation ................................................................ 56
Table 38.
Phase delay ...................................................................... 57
Table 39.
Phase compensation ................................................................ 58
Table 40.
Power offset LSB ................................................................... 59
Table 41.
Row 0, DSP control register 1 (DSP_CR1) ................................................ 62
Table 42.
Row 1, DSP control register 2 (DSP_CR2) ................................................. 63
Table 43.
Row 2, DSP control register 3 (DSP_CR3) ................................................ 64
Table 44.
Row 3, DSP control register 4 (DSP_CR4) ................................................. 64
Table 45.
Row 4, DSP control register 5 (DSP_CR5) ................................................. 65
Table 46.
Row 5, DSP control register 6 (DSP_CR6) ................................................. 65
Table 47.
Row 6, DSP control register 7 (DSP_CR7) ................................................. 65
Table 48.
Row 7, DSP control register 8 (DSP_CR8) ................................................. 65
Table 49.
Row 8, DSP control register 9 (DSP_CR9) ................................................. 65
Table 50.
Row 9, DSP control register 10 (DSP_CR10)................................................ 65
Table 51.
Row 10, DSP control register 11(DSP_CR11) ............................................... 66
Table 52.
Row 11, DSP control register 12 (DSP_CR12) ............................................... 66
Table 53.
Row 12, digital front end control register 1 (DFE_CR1) ......................................... 66
STPM32, STPM33, STPM34
List of tables
DS10272 - Rev 13
page 85/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89