Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF4002 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce HCF4002
Description  NOR GATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4002 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button HCF4002 Datasheet HTML 5Page - STMicroelectronics HCF4002 Datasheet HTML 6Page - STMicroelectronics HCF4002 Datasheet HTML 7Page - STMicroelectronics HCF4002 Datasheet HTML 8Page - STMicroelectronics HCF4002 Datasheet HTML 9Page - STMicroelectronics HCF4002 Datasheet HTML 10Page - STMicroelectronics HCF4002 Datasheet HTML 11Page - STMicroelectronics HCF4002 Datasheet HTML 12Page - STMicroelectronics HCF4002 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Ceramic DIP14/1 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
20
0.787
B
7.0
0.276
D
3.3
0.130
E
0.38
0.015
e3
15.24
0.600
F
2.29
2.79
0.090
0.110
G
0.4
0.55
0.016
0.022
H
1.17
1.52
0.046
0.060
L
0.22
0.31
0.009
0.012
M
1.52
2.54
0.060
0.100
N
10.3
0.406
P
7.8
8.05
0.307
0.317
Q
5.08
0.200
P053C
HCC/HCF4000B-4001B-4002B-4025B
10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13