Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF4001 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce HCF4001
Description  NOR GATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4001 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button HCF4001 Datasheet HTML 5Page - STMicroelectronics HCF4001 Datasheet HTML 6Page - STMicroelectronics HCF4001 Datasheet HTML 7Page - STMicroelectronics HCF4001 Datasheet HTML 8Page - STMicroelectronics HCF4001 Datasheet HTML 9Page - STMicroelectronics HCF4001 Datasheet HTML 10Page - STMicroelectronics HCF4001 Datasheet HTML 11Page - STMicroelectronics HCF4001 Datasheet HTML 12Page - STMicroelectronics HCF4001 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Plastic DIP14 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
P001A
HCC/ HCF4000B-4001B-4002B-4025B
9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13