| Moteur de recherche de fiches techniques de composants électroniques |
|
AD4084BBCZ Fiches technique(PDF) 88 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD4084BBCZ Fiches technique(HTML) 88 Page - Analog Devices |
|
88 / 94 page ![]() Data Sheet AD4084 CONFIGURATION REGISTERS analog.com Rev. 0 | 88 of 94 GPIO Configuration C Register Address: 0x1B, Reset: 0x00, Name: GPIO_CONFIG_C Figure 133. GPIO Configuration C Register Table 53. Bit Descriptions for GPIO_CONFIG_C Bits Bit Name Description Reset Access [7:4] GPIO_3_SEL GPIO 3 Write Select. 0x0 R/W 0000: Configuration SPI SDO Data. 0001: FIFO Full Flag. 0010: FIFO Read Done Flag. 0011: Filter Result Ready (Active Low). 0100: High Threshold Detect. 0101: Low Threshold Detect. 0110: Status Alert (Active Low). 0111: GPIO Data. 1000: Filter Synchronization Input (Active Low). 1001: External Event Trigger Input for FIFO. 1010: Do not use this setting. [3:0] GPIO_2_SEL GPIO 2 Write Select. 0x0 R/W 0000: Configuration SPI SDO Data. 0001: FIFO Full Flag. 0010: FIFO Read Done Flag. 0011: Filter Result Ready (Active Low). 0100: High Threshold Detect. 0101: Low Threshold Detect. 0110: Status Alert (Active Low). 0111: GPIO Data. 1000: Filter Synchronization Input (Active Low). 1001: External Event Trigger Input for FIFO. 1010: Do not use this setting. |