Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCC40106B Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce HCC40106B
Description  HEX SCHMITT TRIGGERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC40106B Fiches technique(HTML) 4 Page - STMicroelectronics

  HCC40106B Datasheet HTML 1Page - STMicroelectronics HCC40106B Datasheet HTML 2Page - STMicroelectronics HCC40106B Datasheet HTML 3Page - STMicroelectronics HCC40106B Datasheet HTML 4Page - STMicroelectronics HCC40106B Datasheet HTML 5Page - STMicroelectronics HCC40106B Datasheet HTML 6Page - STMicroelectronics HCC40106B Datasheet HTML 7Page - STMicroelectronics HCC40106B Datasheet HTML 8Page - STMicroelectronics HCC40106B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall time = 20ns)
Test Conditions
Val ue
Symbol
Parameter
V DD (V) Min.
Typ.
Max.
Unit
t PL H,
t PHL
Propagation Delay Time
5
140
280
ns
10
70
140
15
60
120
t THL ,
t TLH
Transition Time
5
100
200
ns
10
50
100
15
40
80
STATIC ELECTRICAL CHARACTERISTICS (continued)
Test Conditions
Value
V I
V O
|I O |V DD
T Lo w*
25
°CT
Hi g h *
Symbol
Parameter
(V)
(V)
(
µA) (V)
Min. Max. Min. Typ. Max. Min. Max.
Unit
I OH
Output
Drive
Current
HCC
Types
0/ 5
2.5
5
– 2
– 1.6 – 3.2
– 1.15
mA
0/ 5
4.6
5
– 0.64
– 0.51 – 1
– 0.36
0/10
9.5
10
– 1.6
– 1.3 – 2.6
– 0.9
0/15
13.5
15
– 4.2
– 3.4 – 6.8
– 2.4
HCF
Types
0/ 5
2.5
5
– 1.53
– 1.36 – 3.2
– 1.1
0/ 5
4.6
5
– 0.52
– 0.44 – 1
– 0.36
0/10
9.5
10
– 1.3
– 1.1 – 2.6
– 0.9
0/15
13.5
15
– 3.6
– 3.0 – 6.8
– 2.4
I OL
Output Sink
Current
HCC
Types
0/ 5
0.4
5
0.64
0.51
1
0.36
mA
0/10
0.5
10
1.6
1.3
2.6
0.9
0/15
1.6
15
4.2
3.4
6.8
2.4
HCF
Types
0/ 5
0.4
5
0.52
0.44
1
0.36
0/10
0.5
10
1.3
1.1
2.6
0.9
0/15
1.5
15
3.6
3.0
6.8
2.9
I IH,I IL** Input
Leakage
Current
HCC
Types
0/18
Any Input
18
± 0.1
±10–5 ± 0.1
± 1
µA
HCF
Types
0/15
15
± 0.3
±10–5 ± 0.3
± 1
CI
Input Capacitance
Any Input
5
7.5
p
*TLow
=– 55
°Cfor HCC device : – 40°C for HCF device.
*THigh
=+125
°Cfor HCC device : + 85°Cfor HCF device.
HCC/HCF40106B
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13