| Moteur de recherche de fiches techniques de composants électroniques |
|
FEMTOSMDC005F Fiches technique(PDF) 5 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
FEMTOSMDC005F Fiches technique(HTML) 5 Page - TE Connectivity Ltd |
|
5 / 20 page ![]() 119 RoHS Compliant, ELV Compliant HF Halogen Free 12 Maximum Ambient Temperature Part Number -40°C -20°C 0°C 20°C 25°C 40°C 50°C 60°C 70°C 80°C 85°C 125°C miniSMDC Series Size 4532 mm/1812 mils miniSMDC110F 1.60 1.45 1.28 1.10 1.07 0.92 0.83 0.71 0.66 0.57 0.52 — miniSMDC110F/16 1.68 1.49 1.30 1.10 1.05 0.92 0.83 0.75 0.64 0.55 0.50 — miniSMDC110F/24 2.00 1.70 1.40 1.10 1.06 0.95 0.88 0.80 0.73 0.65 0.61 — miniSMDC125F 2.00 1.69 1.47 1.25 1.17 1.03 0.92 0.90 0.69 0.58 0.53 — miniSMDC125F/16 2.00 1.69 1.47 1.25 1.17 1.03 0.92 0.90 0.69 0.58 0.53 — miniSMDC150F 2.30 2.05 1.77 1.50 1.44 1.23 1.09 0.95 0.82 0.68 0.61 — miniSMDC150F/12 2.40 2.10 1.80 1.50 1.44 1.25 1.13 1.00 0.88 0.75 0.69 — miniSMDC150F/16 2.40 2.10 1.80 1.50 1.44 1.25 1.13 1.00 0.88 0.75 0.69 — miniSMDC150F/24 2.10 1.90 1.70 1.50 1.44 1.25 1.13 1.00 0.88 0.75 0.69 — miniSMDC160F 2.50 2.19 1.89 1.60 1.53 1.31 1.16 1.10 0.95 0.79 0.71 — miniSMDC200F 2.60 2.44 2.22 2.00 1.96 1.78 1.67 1.50 1.45 1.34 1.29 — miniSMDC260F 3.40 3.16 2.80 2.60 2.54 2.32 2.18 2.00 1.90 1.76 1.69 — miniSMDC260F/12 3.40 3.16 3.00 2.60 2.54 2.32 2.18 2.00 1.90 1.76 1.69 — miniSMDC260F/13.2 3.40 3.16 3.00 2.60 2.54 2.32 2.18 2.00 1.90 1.76 1.69 — miniSMDC260F/16 3.50 3.20 3.00 2.60 2.53 2.30 2.15 2.00 1.85 1.70 1.63 — miniSMDC300F 4.13 3.75 3.33 3.02 3.00 2.70 2.54 2.35 2.22 2.06 1.98 — miniSMDE Series Size 11550 mm/4420 mils miniSMDE190F 3.16 2.74 2.20 1.90 1.74 1.48 1.27 1.10 0.80 0.50 0.35 — midSMD Series Size 5050 mm/2018 mils SMD030F-2018 0.48 0.42 0.35 0.30 0.28 0.24 0.21 0.17 0.15 0.12 0.10 — decaSMDC050F/60 1.00 0.85 0.70 0.55 0.53 0.45 0.40 0.35 0.30 0.25 0.23 — SMD100F-2018 1.59 1.43 1.20 1.10 1.03 0.94 0.85 0.72 0.69 0.61 0.57 — SMD150F-2018 2.21 1.97 1.70 1.50 1.43 1.26 1.15 1.00 0.91 0.79 0.73 — SMD200F-2018 2.81 2.54 2.27 2.00 1.93 1.73 1.59 1.46 1.32 1.19 1.12 — SMD Series Size 7555 mm/2920 mils SMD030F 0.44 0.39 0.32 0.30 0.28 0.26 0.23 0.19 0.18 0.17 0.15 — SMD050F 0.73 0.65 0.55 0.50 0.47 0.43 0.39 0.33 0.31 0.28 0.26 — SMD075F 1.11 0.99 0.84 0.75 0.71 0.63 0.57 0.49 0.45 0.39 0.36 — SMD075F/60 1.11 0.99 0.84 0.75 0.71 0.63 0.57 0.49 0.45 0.39 0.36 — SMD100F 1.59 1.43 1.20 1.10 1.03 0.94 0.85 0.72 0.69 0.61 0.57 — SMD100F/33 1.48 1.35 1.20 1.10 1.06 0.98 0.91 0.83 0.79 0.73 0.69 — SMDH120 2.34 1.96 1.58 1.20 1.15 1.02 0.92 0.83 0.74 0.65 0.60 0.26 SMD125F 1.89 1.68 1.50 1.25 1.21 1.04 0.93 0.85 0.71 0.61 0.55 — SMD260F 3.82 3.41 2.90 2.60 2.45 2.19 1.99 1.70 1.58 1.38 1.28 — SMD300F 4.13 3.75 3.30 3.00 2.87 2.62 2.43 2.25 2.00 1.87 1.78 — SMD300F/15 4.20 3.80 3.30 3.00 2.90 2.62 2.43 2.25 2.00 1.87 1.78 — SMD2 Series Size 8763 mm/3425 mils SMD150F 2.30 2.04 1.80 1.50 1.45 1.23 1.10 0.99 0.83 0.70 0.63 — SMD150F/33 2.30 2.04 1.80 1.50 1.45 1.23 1.10 0.99 0.83 0.70 0.63 — SMDH160 2.14 1.96 1.78 1.60 1.56 1.42 1.33 1.24 1.15 1.06 1.02 0.44 SMD185F 2.54 2.29 2.20 1.85 1.80 1.55 1.43 1.31 1.19 1.06 1.00 — SMD200F 3.01 2.67 2.30 2.00 1.90 1.66 1.50 1.30 1.16 0.99 0.91 — SMD250F 3.72 3.31 2.80 2.50 2.35 2.09 1.89 1.60 1.48 1.28 1.18 — Table S2 Thermal Derating for Surface-mount Devices [Hold Current (A) at Ambient Temperature (°C)] Cont’d |