Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP3924 Fiches technique(PDF) 2 Page - Monolithic Power Systems

No de pièce MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Fiches technique(HTML) 2 Page - Monolithic Power Systems

  MP3924 Datasheet HTML 1Page - Monolithic Power Systems MP3924 Datasheet HTML 2Page - Monolithic Power Systems MP3924 Datasheet HTML 3Page - Monolithic Power Systems MP3924 Datasheet HTML 4Page - Monolithic Power Systems MP3924 Datasheet HTML 5Page - Monolithic Power Systems MP3924 Datasheet HTML 6Page - Monolithic Power Systems MP3924 Datasheet HTML 7Page - Monolithic Power Systems MP3924 Datasheet HTML 8Page - Monolithic Power Systems MP3924 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
2
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MSL Rating
MP3924GU*
QFN-32 (5mmx5mm)
See Below
2
EVKT-MP3924
Evaluation kit
-
* For Tape & Reel, add suffix -Z (e.g. MP3924GU-Z).
TOP MARKING
MPS: MPS prefix
YY: Year code
WW: Week code
MP3924: Part number
LLLLLLL: Lot number
EVALUATION KIT EVKT-MP3924
EVKT-MP3924 kit contents (items listed below can be ordered separately, and the GUI installation file and
supplemental documents can be downloaded from the MPS website):
#
Part Number
Item
Quantity
1
EV3924-U-00A
MP3924 evaluation board
1
2
EVKT-USBI2C-02
Includes one USB to I2C communication interface device, one USB
cable, and one ribbon cable
1
3
MP3924GU
MP3924 controller IC
2
Order directly from MonolithicPower.com or our distributors.
USB to PMBus
Communication
Interface
(EVKT-USBI2C-02)
USB Cable
Ribbon Cable
Input Power Supply
Load
Input
Output
Evaluation Board
Figure 1: EVKT-MP3924 Evaluation Kit Set-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56