| Moteur de recherche de fiches techniques de composants électroniques |
|
HCF4006B Fiches technique(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HCF4006B Fiches technique(HTML) 3 Page - STMicroelectronics |
|
3 / 11 page ![]() LOGIC DIAGRAM AND TRUTH TABLES (one register stage) TRUTH TABLE FOR OUTPUT FROM PIN 2 D1 +4 CL∆ D1 +4’ 0 – / – 0 1 – / – 1 X –\ – NC TRUTH TABLE FOR SHIFT REGISTER STAGE DCL∆ D+ 1 0 –\ – 0 1 –\ – 1 X – / – NC 1 = HIGH 0 = LOW NC = NO CHANGE X = DON’T CARE ∆ = LEVEL CHANGE HCC/HCF4006B 3/11 |