Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RFM95 Fiches technique(PDF) 45 Page - Shenzhen Hope Microelectronics Co., Ltd.

No de pièce RFM95
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Site Internet  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM95 Fiches technique(HTML) 45 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM95 Datasheet HTML 41Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 42Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 43Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 44Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 45Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 46Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 47Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 48Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 49Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 121 page
background image
Page 45
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
It is therefore important to note that the setting of OokFixedThresh will be application dependant. The following procedure
is recommended to optimize OokFixedThresh.
Set RFM96/7/8 in OOK Rx mode
Adjust Bit Rate, Channel filter BW
Default OokFixedThresh setting
No input signal
Continuous Mode
Monitor DIO2/DATA pin
Increment
OokFixedThresh
Glitch activity
on DATA ?
Optimization complete
Figure 14. Floor Threshold Optimization
The new floor threshold value found during this test should be used for OOK reception with those receiver settings.
Optimizing OOK Demodulator for Fast Fading Signals
A sudden drop in signal strength can cause the bit error rate to increase. For applications where the expected signal drop
can be estimated, the following OOK demodulator parameters OokPeakThreshStep and OokPeakThreshDec can be
optimized as described below for a given number of threshold decrements per bit. Refer to RegOokPeak to access those
settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More