| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC393CPWR Fiches technique(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC393CPWR Fiches technique(HTML) 18 Page - Texas Instruments |
|
18 / 35 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) 5962-9555101NXDR Obsolete Production SOIC (D) | 8 - - Call TI Call TI - Q193M 5962-9555101QPA Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 9555101QPA TLC193M TLC193MJGB Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type - 9555101QPA TLC193M TLC193MJGB.A Active Production CDIP (JG) | 8 50 | TUBE No SNPB N/A for Pkg Type -55 to 125 9555101QPA TLC193M TLC393CD Obsolete Production SOIC (D) | 8 - - Call TI Call TI 0 to 70 C393C TLC393CDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 C393C TLC393CDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 C393C TLC393CDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C393C TLC393CDRG4.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C393C TLC393CP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TLC393CP TLC393CP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TLC393CP TLC393CPS Active Production SO (PS) | 8 80 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 P393 TLC393CPS.A Active Production SO (PS) | 8 80 | TUBE Yes NIPDAU Level-1-260C-UNLIM 0 to 70 P393 TLC393CPSR Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 P393 TLC393CPSR.A Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 P393 TLC393CPWR Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 P393 TLC393CPWR.A Active Production TSSOP (PW) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 P393 TLC393ID Obsolete Production SOIC (D) | 8 - - Call TI Call TI -40 to 85 C393I TLC393IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C393I TLC393IDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 C393I TLC393IDR1G4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C393I TLC393IDR1G4.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C393I TLC393IDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI -40 to 85 TLC393IP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -40 to 85 TLC393IP TLC393IP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -40 to 85 TLC393IP TLC393IPE4 Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -40 to 85 TLC393IP TLC393IPW Obsolete Production TSSOP (PW) | 8 - - Call TI Call TI -40 to 85 Y393 Addendum-Page 1 |