| Moteur de recherche de fiches techniques de composants électroniques |
|
TLC139MFKB Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC139MFKB Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 35 page ![]() TLC139, TLC339, TLC339Q LinCMOS MICROPOWER QUAD COMPARATORS 4 WWW.TI.COM recommended operating conditions TLC339C UNIT MIN NOM MAX UNIT Supply voltage, VDD 3 5 16 V Common-mode input voltage, VIC − 0.2 VDD −1.5 V Low-level output current, IOL 8 20 mA Operating free-air temperature,TA 0 70 °C electrical characteristics at specified operating free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TA TLC339C UNIT PARAMETER TEST CONDITIONS† TA MIN TYP MAX UNIT VIO Input offset voltage VIC = VICRmin, VDD = 5 V to 10 V, 25 °C 1.4 5 mV VIO Input offset voltage VIC = VICRmin, See Note 3 VDD = 5 V to 10 V, 0 °C to 70°C 6.5 mV IIO Input offset current VIC = 2.5 V 25 °C 1 pA IIO Input offset current VIC = 2.5 V 70 °C 0.3 nA IIB Input bias current VIC = 2.5 V 25 °C 5 pA IIB Input bias current VIC = 2.5 V 70 °C 0.6 nA VICR Common-mode input 25 °C 0 to VDD −1 V VICR Common-mode input voltage range 0 °C to 70°C 0 to VDD −1.5 V Common-mode rejection 25 °C 84 CMRR Common-mode rejection ratio VIC = VICRmin 70 °C 84 dB CMRR ratio VIC = VICRmin 0 °C 84 dB Supply-voltage rejection 25 °C 85 kSVR Supply-voltage rejection ratio VDD = 5 V to 10 V 70 °C 85 dB kSVR ratio VDD = 5 V to 10 V 0 °C 85 dB VOL Low-level output voltage VID = − 1 V, IOL = 6 mA 25 °C 300 400 mV VOL Low-level output voltage VID = − 1 V, IOL = 6 mA 70 °C 650 mV IOH High-level output current VID = − 1 V, VO = 5 V 25 °C 0.8 40 nA IOH High-level output current VID = − 1 V, VO = 5 V 70 °C 1 µA IDD Supply current (four Outputs low, No load 25 °C 44 80 µA IDD Supply current (four comparators) Outputs low, No load 0 °C to 70°C 100 µA † All characteristics are measured with zero common-mode voltage unless otherwise noted. NOTE 4: The offset voltage limits given are the maximum values required to drive the output up to 4.5 V or down to 0.3 V with a 2.5-k Ω load to VDD. |