| Moteur de recherche de fiches techniques de composants électroniques |
|
SAP5SD-B-G1-R Fiches technique(PDF) 19 Page - Zentrum Mikroelektronik Dresden AG |
|
|
|||||||||||||||||||||||||||||
SAP5SD-B-G1-R Fiches technique(HTML) 19 Page - Zentrum Mikroelektronik Dresden AG |
|
19 / 62 page ![]() SAP5S / SAP51 Universal Actuator-Sensor Interface IC Data Sheet July 17, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 19 of 62 2.3.12. Summary of Master Calls In and Table 7 on the following pages show the complete set of master calls that are decoded by the SAP5 in Slave Mode. The master calls in Table 7 are intended for programming of the IC by the slave manufacturer only. They become deactivated as soon as the Lock_EE_PRG and Safety_Program_Mode_Disable flag are set in the Firmware Area of the E²PROM. AS-i Complete Specification compliance note: In order to achieve full compliance to the AS-i Complete Specification, the Program_Mode_Disable flag must be set by the manufacturer of AS-i slave modules during the final manufacturing and configuration process and before an AS-i slave device is delivered to field application users. |