| Moteur de recherche de fiches techniques de composants électroniques |
|
TAS5713 Fiches technique(PDF) 46 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS5713 Fiches technique(HTML) 46 Page - Texas Instruments |
|
46 / 72 page ![]() TAS5713 SLOS637A – DECEMBER 2009 – REVISED AUGUST 2010 www.ti.com SERIAL DATA INTERFACE REGISTER (0x04) As shown in Table 9, the TAS5713 supports nine serial data modes. The default is 24-bit, I2S mode. Table 9. Serial Data Interface Control Register (0x04) Format RECEIVE SERIAL DATA WORD D7–D4 D3 D2 D1 D0 INTERFACE FORMAT LENGTH Right-justified 16 0000 0 0 0 0 Right-justified 20 0000 0 0 0 1 Right-justified 24 0000 0 0 1 0 I2S 16 000 0 0 1 1 I2S 20 0000 0 1 0 0 I2S (1) 24 0000 0 1 0 1 Left-justified 16 0000 0 1 1 0 Left-justified 20 0000 0 1 1 1 Left-justified 24 0000 1 0 0 0 Reserved 0000 1 0 0 1 Reserved 0000 1 0 1 0 Reserved 0000 1 0 1 1 Reserved 0000 1 1 0 0 Reserved 0000 1 1 0 1 Reserved 0000 1 1 1 0 Reserved 0000 1 1 1 1 (1) Default values are in bold. 46 Submit Documentation Feedback Copyright © 2009–2010, Texas Instruments Incorporated Product Folder Link(s): TAS5713 |