Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Z0107MA. Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce Z0107MA.
Description  SENSITIVE GATE TRIACS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0107MA. Fiches technique(HTML) 3 Page - STMicroelectronics

  Z0107MA. Datasheet HTML 1Page - STMicroelectronics Z0107MA. Datasheet HTML 2Page - STMicroelectronics Z0107MA. Datasheet HTML 3Page - STMicroelectronics Z0107MA. Datasheet HTML 4Page - STMicroelectronics Z0107MA. Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
0.2
0.4
0.6
0.8
1
=30
o
=90
o
=60
o
=120
o
= 180
o
180
O
I
(A)
T(RMS)
P(W)
Fig.1 : Maximum RMS power dissipation versus
RMS on-state current.
0
10 20 30 40 50 60 70 80 90 100 110 120 130
0
0.2
0.4
0.6
0.8
1
I
(A)
T(RMS)
= 180
o
Tlead( C)
o
Fig.3 : RMS on-state current versus case tempera-
ture.
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
Igt
Tj( C)
o
Ih
-40
-20
0
20
40
60
80
100
120 140
Igt[Tj]
Igt[Tj=25 C]
o
Ih[Tj]
Ih[Tj=25 C]
o
Fig.5 : Relative variation of gate trigger current and
holding current versus junction temperature.
0
204060
80
100
120
140
0
0.2
0.4
0.6
0.8
1-65
-75
-85
-95
-105
-115
-125
P(W)
Tamb ( C)
o
Tlead ( C)
o
Rth(j-l)
Rth(j-a)
Fig.2 : Correlation between maximum RMS power
dissipation and maximum allowable temperature
(Tamb and Tlead).
1E-3
1E-2
1E-1
1 E+0
1 E+1
1E +2 5 E+2
0.01
0.10
1.00
Zth(j-a)/Rth(j-a)
tp (s )
Fig.4 : Relative variation of thermal impedance
junction to ambient versus pulse duration.
1
10
100
1000
0
1
2
3
4
5
6
7
I
(A)
TSM
Tj in itial = 25 C
o
Number of cycles
Fig.6 : Non repetitive surge peak on-state current
versus number of cycles.
®
Z01xxxA
3/5



Html Pages

1 2 3 4 5