| Moteur de recherche de fiches techniques de composants électroniques |
|
UCD3138128 Fiches technique(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
UCD3138128 Fiches technique(HTML) 64 Page - Texas Instruments |
|
64 / 84 page ![]() 64 UCD3138128, UCD3138A64 SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017 www.ti.com Product Folder Links: UCD3138128 UCD3138A64 Submit Documentation Feedback Copyright © 2014–2017, Texas Instruments Incorporated 10.2.2.4 Fixed Signals to Bridge The two top signals in the above drawing have fixed timing. The DPWM1CF and DPWM2CF signals are used for these pins. DPWMCxF refers to the signal coming out of the fault module of DPWMx, as shown inFigure 40. Figure 40. Fixed Signals to Bridge These signals are actually routed to pins DPWM3A and 3B using the Intra Mux with these statements: Dpwm3Regs.DPWMCTRL0.bit.PWM_A_INTRA_MUX = 7; // Send DPWM1C Dpwm3Regs.DPWMCTRL0.bit.PWM_B_INTRA_MUX = 8; // Send DPWM2C |