Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT7530 Fiches technique(PDF) 3 Page - Holtek Semiconductor Inc

No de pièce HT7530
Description  100mA Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7530 Fiches technique(HTML) 3 Page - Holtek Semiconductor Inc

  HT7530 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7530 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7530 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7530 Datasheet HTML 4Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Information
This EOL notification announces the cessation of manufacture of the devices mentioned herein. The process of prod-
uct discontinuation will be implemented in accordance with Holtek
¢s product EOL procedure. The device EOL informa-
tion is supplied prior to cessation of manufacture to enable related customers to make the necessary adjustments to
their present and future purchasing plans. Users of these devices should review this material carefully and ensure that
final purchases are made within the schedule as defined in the following terms and conditions.
Last purchase date
This is the final date at which orders will be accepted for deliveries of the mentioned devices. After this date Holtek can-
not enter into negotiations regarding the purchase of these phased out devices.
Production stops
After this specified date no more devices will be manufactured and last deliveries made. At this point the device can be
said to have reached their end of life status.
Suggested replacement device
The alternative devices are the recommended replacement devices for the phased-out devices. The suggested de-
vices should functionally replace the original device however this is offered as reference information only. Holtek offers
no guarantee that the suggested replacement device will have exactly the same form, function or specification of the
phased-out device.
Device pricing
The subject of pricing for the specified devices under notice of phase-out is one that must be discussed with the Holtek
Sales Department. Quotations for devices will depend on several factors and can only be given upon individual re-
quests.
Limited Warranty
All devices under notice of phase-out shall be subject to the Holtek Standard Limited Warranty.
Phased-out device future manufacture
Holtek reserves the right to re-introduce at any time in the future the manufacture of devices that may have gone
through the full phase-out procedure. All new re-introductions of previously phased-out devices will be announced on
the Holtek website.
HT75XX EOL Notification
3
November 29, 2002



Html Pages

1 2 3 4