| Moteur de recherche de fiches techniques de composants électroniques |
|
GPS-41EB Fiches technique(PDF) 1 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
GPS-41EB Fiches technique(HTML) 1 Page - rfsolutions.ltd |
|
1 / 8 page ![]() DS-41EB-3 Oct ’06 ©2006 RF Solutions Ltd, www.rfsolutions.co.uk Page 1 Tel 01273 898000 Fax 01273 480661 GPS Receiver Module GPS-41EBR GPS-41EBF FEATURES 12 parallel channel GPS receiver 4000 simultaneous time-frequency search bins SBAS (WAAS, EGNOS) support High Sensitivity: -140dBm acquisition sensitivity -150dBm tracking sensitivity Fast Acquisition: < 10 second hot start < 45 second cold start 5m CEP accuracy ‘F’ Module Programmable GPS-41EB Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module The GPS-41EB module is a small, single-board, 12 parallel-channel receiver intended for Original Equipment Manufacturer (OEM) products. The receiver continuously tracks all satellites in view and provides accurate satellite positioning data. The GPS-41EB is optimized for applications requiring good performance, low cost, and maximum flexibility; suitable for a wide range of OEM configurations including handhelds, asset tracking, marine and vehicle navigation products. Its 12 parallel channels and 4000 search bins provide fast satellite signal acquisition and short startup time. Acquisition sensitivity of –140dBm and tracking sensitivity of –150dBm offers good navigation performance even in urban canyons having limited sky view. The module has an MMCX socket for connection of an external active antenna. Satellite-based augmentation systems, such as WAAS and EGNOS, are supported to yield improved accuracy. The GPS-41EBF module has programmable flash memory. This enables users to modify the NMEA sentence configuration and re-flash the firmware in the modem. Ordering Information Part Number Description GPS-41EBR Embedded GPS Module GPS-41EBF Embedded GPS Module, Programmable |
Numéro de pièce similaire - GPS-41EB |
|
Description similaire - GPS-41EB |