Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS24045 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STPS24045
Description  45 V power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS24045 Fiches technique(HTML) 7 Page - STMicroelectronics

  STPS24045_V01 Datasheet HTML 1Page - STMicroelectronics STPS24045_V01 Datasheet HTML 2Page - STMicroelectronics STPS24045_V01 Datasheet HTML 3Page - STMicroelectronics STPS24045_V01 Datasheet HTML 4Page - STMicroelectronics STPS24045_V01 Datasheet HTML 5Page - STMicroelectronics STPS24045_V01 Datasheet HTML 6Page - STMicroelectronics STPS24045_V01 Datasheet HTML 7Page - STMicroelectronics STPS24045_V01 Datasheet HTML 8Page - STMicroelectronics STPS24045_V01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
3
Ordering information
Table 5. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
STPS24045TV
STPS24045TV
ISOTOP™
27 g without screws
10 with screws
Tube
STPS24045
Ordering Information
DS0753 - Rev 4
page 7/9



Html Pages

1 2 3 4 5 6 7 8 9