| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS360T-I/P Fiches technique(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS360T-I/P Fiches technique(HTML) 23 Page - Microchip Technology |
|
23 / 28 page ![]() 2001 Microchip Technology Inc. DS40152D-page 23 HCS360 HCS360 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. Sales and Support Package: P = Plastic DIP (300 mil Body), 8-lead SN = Plastic SOIC (150 mil Body), 8-lead Temperature Blank = 0°C to +70°C Range: I = –40°C to +85°C Device: HCS360 Code Hopping Encoder HCS360T Code Hopping Encoder (Tape and Reel) HCS360 — /P Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom- mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office 2. The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 3. The Microchip Worldwide Web Site (www.microchip.com) |