Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM-RX2-418A-3V Fiches technique(PDF) 6 Page - rfsolutions.ltd

No de pièce FM-RX2-418A-3V
Description  FM TRANSMITTER & RECEIVER MODULES. (2ND GENERATION)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFSOLUTIONS [rfsolutions.ltd]
Site Internet  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RX2-418A-3V Fiches technique(HTML) 6 Page - rfsolutions.ltd

  FM-RX2-418A-3V Datasheet HTML 1Page - rfsolutions.ltd FM-RX2-418A-3V Datasheet HTML 2Page - rfsolutions.ltd FM-RX2-418A-3V Datasheet HTML 3Page - rfsolutions.ltd FM-RX2-418A-3V Datasheet HTML 4Page - rfsolutions.ltd FM-RX2-418A-3V Datasheet HTML 5Page - rfsolutions.ltd FM-RX2-418A-3V Datasheet HTML 6Page - rfsolutions.ltd FM-RX2-418A-3V Datasheet HTML 7Page - rfsolutions.ltd FM-RX2-418A-3V Datasheet HTML 8Page - rfsolutions.ltd FM-RX2-418A-3V Datasheet HTML 9Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DS000022
Rev D
July ‘99
©1999 REG No 277 4001, ENGLAND.
Page 6
FM TRANSMITTER & RECEIVER
FM-TX2-XXX
MODULES. (2ND GENERATION)
FM-RX2-XXX
Module test circuits
∗ The PNP transistor enables a CMOS compatible Carrier Detect signal to be derived from pin 3. If no CD signal required
pin 3 should be connected directly to pin 5 (Vcc)
Module mounting considerations
The modules may be mounted horizontally or vertically on an area of ground plane preferably
close to the antenna to minimise feed length. The receiver and it’s antenna should be kept away
from sources of interference (micro’s, SMPS etc.). The modules may be potted if required in a
viscous compound which can not enter the screen can..
Warning: Do NOT wash the modules. They are not hermetically sealed.
ffiigg..5
5:: T
TX
X22 tteesstt cciirrccu
uiitt
ffiigg..6
6:: R
RX
X22 tteesstt cciirrccu
uiitt



Html Pages

1 2 3 4 5 6 7 8 9