Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCD3138RMHT.A Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce UCD3138RMHT.A
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RMHT.A Fiches technique(HTML) 5 Page - Texas Instruments

  UCD3138RMHT.A Datasheet HTML 1Page - Texas Instruments UCD3138RMHT.A Datasheet HTML 2Page - Texas Instruments UCD3138RMHT.A Datasheet HTML 3Page - Texas Instruments UCD3138RMHT.A Datasheet HTML 4Page - Texas Instruments UCD3138RMHT.A Datasheet HTML 5Page - Texas Instruments UCD3138RMHT.A Datasheet HTML 6Page - Texas Instruments UCD3138RMHT.A Datasheet HTML 7Page - Texas Instruments UCD3138RMHT.A Datasheet HTML 8Page - Texas Instruments UCD3138RMHT.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 99 page
background image
Changes from Revision G (September 2016) to Revision H (October 2016)
Page
• Added PACKAGE DRAWING column to the Device Information table. .............................................................2
• Changed Note 2 from "Recommended for new 40-pin designs with advance BLR performance" to
"Recommended for new 40-pin designs, optimized for improved performance under temperature cycling test
for board level reliability (BLR)." ........................................................................................................................ 2
• Deleted Figure 7-3 note, "These features help to improve solder-joint reliability". ............................................ 9
Changes from Revision F (November 2013) to Revision G (September 2016)
Page
• Added Device and Documentation Support section and ESD Ratings table......................................................2
• Changed document flow to match UCD3138A................................................................................................... 2
• Added RJA package to Features and the Device Information table. ................................................................. 2
• Added RJA package. ......................................................................................................................................... 9
• Added the RJA package to the Thermal Information table............................................................................... 14
Changes from Revision E (August 2013) to Revision F (November 2013)
Page
• Changed Top Side Marking info from " 3138 " to " 3138RMH " in the Ordering Information table. ....................2
Changes from Revision D (August 2013) to Revision E (August 2013)
Page
• Added UCD3138RMH to Feature bullet............................................................................................................. 1
• Added RMH package pinout drawing................................................................................................................. 9
• Added RMH package thermal specifications.................................................................................................... 14
• Changed Global I/O registers ordered list, item 5 text from "Connecting pin/pins to high rail through internal
pull up resistors." to "Configuring pin/pins as open drain or push-pull (Normal)"............................................. 45
Changes from Revision C (March 2013) to Revision D (August 2013)
Page
• Changed TOPT spec to TJ in Abs Max table with MAX temp of 150°C............................................................. 14
• Added BP18 Voltage vs Temperature graphic.................................................................................................. 25
Changes from Revision B (July 2012) to Revision C (March 2013)
Page
• Deleted "JTAG Debug Port" feature bullet..........................................................................................................1
• Deleted text string "JTAG debug" from Description section................................................................................2
• Added NOTE under Functional Block Diagram.................................................................................................. 3
• Deleted "JTAG" option from Product Selection Matrix........................................................................................ 8
• Added text to Pin 54 description....................................................................................................................... 11
• Added text to Pin 35 description....................................................................................................................... 13
• Added BP18 spec to Abs Max Ratings and Recommended Operating Conditions Tables.............................. 14
• Deleted VDD specification from System Performance section of Electrical Characteristics .............................15
• Added footnote to Table 8-1 .............................................................................................................................17
• Added text string regarding front-end 2 in the Front End section .................................................................... 20
• Deleted text string reference to "JTAG port" in ARM Processor section...........................................................26
• Changed text strings in Tools and Documentation .......................................................................................... 82
• Added document to References list..................................................................................................................83
Changes from Revision A (March 2012) to Revision B (July 2012)
Page
• Added Feature bullets.........................................................................................................................................1
• Changed "Dual Edge Modulation" to "Triangular Modulation" in Features section.............................................1
• Changed "265 ksps" to "267 ksps" in Features section .....................................................................................1
• Clarified number of UARTs in Feature section....................................................................................................1
• Changed "FDPP" to "DDP" throughout...............................................................................................................2
• Changed "FDPP" to "DDP" throughout...............................................................................................................2
• Changed Total GPIO pin count for the UCD3138 40-pin device from "17" to "18" in the Product Selection
Matrix table......................................................................................................................................................... 8
• Changed "VREG" to "BP18" in conditions statement for Electrical Characteristics .........................................15
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99