Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UCD3138RHAT.B Fiches technique(PDF) 74 Page - Texas Instruments

No de pièce UCD3138RHAT.B
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RHAT.B Fiches technique(HTML) 74 Page - Texas Instruments

Back Button UCD3138RHAT.B Datasheet HTML 70Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 71Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 72Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 73Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 74Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 75Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 76Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 77Page - Texas Instruments UCD3138RHAT.B Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 99 page
background image
12.1.4.3 GPIOS
GPIO is referenced to DGND internally. When GPIO pins are not used connect the pins to SGND. Alternatively,
they can be configured as output pins and set as low in the firmware. When GPIOs are used to drive other circuit
like LED, be aware that traces can pick up noise. A local resistor close to the signal receiver (like LED) is used to
terminate the coupled noise. If the big voltage swings, clamping diodes are needed for GPIO inputs, as shown in
Figure 12-3.
Figure 12-3. Clamping Diodes for GPIO
12.1.4.4 DPWM PINS
If DPWMs travel for a longer distance than 3 inches from the control card to a main power stage, a Schottky
clamping diode may be needed as shown in Figure 12-4to prevent electrical overstress on the device during
lightning test. The long trace may also pick up the noise from other switching sources. Avoid DPWM signals to
cross switching nodes.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
74
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99