| Moteur de recherche de fiches techniques de composants électroniques |
|
UCD3138RGCT Fiches technique(PDF) 85 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
UCD3138RGCT Fiches technique(HTML) 85 Page - Texas Instruments |
|
85 / 99 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 17-Jun-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) UCD3138RGCR Active Production VQFN (RGC) | 64 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RGCR.A Active Production VQFN (RGC) | 64 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RGCR.B Active Production VQFN (RGC) | 64 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RGCRG4 Active Production VQFN (RGC) | 64 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RGCRG4.A Active Production VQFN (RGC) | 64 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RGCRG4.B Active Production VQFN (RGC) | 64 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RGCT Active Production VQFN (RGC) | 64 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RGCT.A Active Production VQFN (RGC) | 64 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RGCT.B Active Production VQFN (RGC) | 64 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RHAR Active Production VQFN (RHA) | 40 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 UCD3138 UCD3138RHAR.A Active Production VQFN (RHA) | 40 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 UCD3138 UCD3138RHAR.B Active Production VQFN (RHA) | 40 2500 | LARGE T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 UCD3138 UCD3138RHAT Active Production VQFN (RHA) | 40 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 UCD3138 UCD3138RHAT.A Active Production VQFN (RHA) | 40 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 UCD3138 UCD3138RHAT.B Active Production VQFN (RHA) | 40 250 | SMALL T&R Yes NIPDAU Level-3-260C-168 HR -40 to 125 UCD3138 UCD3138RJAR Active Production VQFN (RJA) | 40 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RJAR.A Active Production VQFN (RJA) | 40 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RJAR.B Active Production VQFN (RJA) | 40 3000 | LARGE T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RJAT Active Production VQFN (RJA) | 40 250 | SMALL T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RJAT.A Active Production VQFN (RJA) | 40 250 | SMALL T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RJAT.B Active Production VQFN (RJA) | 40 250 | SMALL T&R Yes NIPDAUAG Level-2-260C-1 YEAR -40 to 125 UCD3138 UCD3138RMHR NRND Production WQFN (RMH) | 40 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 3138RMH UCD3138RMHR.A NRND Production WQFN (RMH) | 40 2000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 3138RMH UCD3138RMHT NRND Production WQFN (RMH) | 40 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 3138RMH UCD3138RMHT.A NRND Production WQFN (RMH) | 40 250 | SMALL T&R Yes NIPDAU Level-2-260C-1 YEAR -40 to 125 3138RMH (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |