Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4040AECT-2.5 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce LM4040AECT-2.5
Description  Precision micropower shunt voltage reference
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM4040AECT-2.5 Fiches technique(HTML) 2 Page - STMicroelectronics

  LM4040AECT-2.5 Datasheet HTML 1Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 2Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 3Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 4Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 5Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 6Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 7Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 8Page - STMicroelectronics LM4040AECT-2.5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
1
Pin configuration
Figure 1. Pin configuration SOT23-3L, SOT323-5L (top view)
Cathode
K
NC
A
Anode
1
3
2
SOT23-3L
SOT323-5L
Cathode
K
NC
A
Anode 1
4
3
2
5 NC
NC
Note:
The NC pin must be left unconnected or connected to anode.
LM4040
Pin configuration
DS13886 - Rev 2
page 2/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22