Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LVC1T45DBVT.B Fiches technique(PDF) 39 Page - Texas Instruments

No de pièce SN74LVC1T45DBVT.B
Description  SN74LVC1T45 Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1T45DBVT.B Fiches technique(HTML) 39 Page - Texas Instruments

Back Button SN74LVC1T45DBVT.B Datasheet HTML 34Page - Texas Instruments SN74LVC1T45DBVT.B Datasheet HTML 35Page - Texas Instruments SN74LVC1T45DBVT.B Datasheet HTML 36Page - Texas Instruments SN74LVC1T45DBVT.B Datasheet HTML 37Page - Texas Instruments SN74LVC1T45DBVT.B Datasheet HTML 38Page - Texas Instruments SN74LVC1T45DBVT.B Datasheet HTML 39Page - Texas Instruments SN74LVC1T45DBVT.B Datasheet HTML 40Page - Texas Instruments SN74LVC1T45DBVT.B Datasheet HTML 41Page - Texas Instruments SN74LVC1T45DBVT.B Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.22
0.08
TYP
0.15
2.4
1.8
4X 0.65
1.1
0.8
0.1
0.0
TYP
6X
0.30
0.15
NOTE 5
0.46
0.26
TYP
8
0
TYP
1.3
4X 0 -12
4X 4 -15
A
2.15
1.85
B
1.4
1.1
SOT - 1.1 max height
DCK0006A
SMALL OUTLINE TRANSISTOR
4214835/D 11/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Body dimensions do not include mold flash or protrusion. Mold flash and protrusion shall not exceed 0.15 per side.
4. Falls within JEDEC MO-203 variation AB.
1
3
4
6
2
INDEX AREA
PIN 1
NOTE 5
0.1
C A B
GAGE PLANE
SEATING PLANE
0.1 C
SCALE 5.600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42