| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LVC1T45DBVT Fiches technique(PDF) 33 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC1T45DBVT Fiches technique(HTML) 33 Page - Texas Instruments |
|
33 / 42 page ![]() www.ti.com EXAMPLE STENCIL DESIGN (2.6) 2X(0.95) 6X (1.1) 6X (0.6) (R0.05) TYP SOT-23 - 1.45 mm max height DBV0006A SMALL OUTLINE TRANSISTOR 4214840/G 08/2024 NOTES: (continued) 8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. 9. Board assembly site may have different recommendations for stencil design. SOLDER PASTE EXAMPLE BASED ON 0.125 mm THICK STENCIL SCALE:15X SYMM PKG 1 3 4 5 2 6 |