| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LVC2G07DBVR Fiches technique(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC2G07DBVR Fiches technique(HTML) 12 Page - Texas Instruments |
|
12 / 32 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 7-Oct-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) SN74LVC2G07DBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (C075, C07F, C07K, C07R) SN74LVC2G07DBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (C075, C07F, C07K, C07R) SN74LVC2G07DBVRG4 Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C07F, C07R) SN74LVC2G07DBVRG4.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C07F, C07R) SN74LVC2G07DCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (CV5, CVF, CVJ, CV K, CVR) SN74LVC2G07DCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (CV5, CVF, CVJ, CV K, CVR) SN74LVC2G07DCKRE4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CV5 SN74LVC2G07DCKRG4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CV5 SN74LVC2G07DCKRG4.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CV5 SN74LVC2G07DCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (CV5, CVF, CVJ, CV K, CVR) SN74LVC2G07DCKT.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (CV5, CVF, CVJ, CV K, CVR) SN74LVC2G07DCKTG4 Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CV5 SN74LVC2G07DCKTG4.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CV5 SN74LVC2G07DRYR Active Production SON (DRY) | 6 5000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CV SN74LVC2G07DRYR.B Active Production SON (DRY) | 6 5000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CV SN74LVC2G07DSF2 Active Production SON (DSF) | 6 5000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CV SN74LVC2G07DSF2.B Active Production SON (DSF) | 6 5000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CV SN74LVC2G07DSFR Active Production SON (DSF) | 6 5000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CV SN74LVC2G07DSFR.B Active Production SON (DSF) | 6 5000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CV SN74LVC2G07DSFRG4 Active Production SON (DSF) | 6 5000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CV SN74LVC2G07DSFRG4.B Active Production SON (DSF) | 6 5000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CV SN74LVC2G07YZPR Active Production DSBGA (YZP) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 (CV7, CVN) SN74LVC2G07YZPR.B Active Production DSBGA (YZP) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 (CV7, CVN) (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |