Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ABCIRPSE28FS Fiches technique(PDF) 12 Page - TT Electronics.

No de pièce ABCIRPSE28FS
Description  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRPSE28FS Fiches technique(HTML) 12 Page - TT Electronics.

Back Button ABCIRPSE28FS Datasheet HTML 8Page - TT Electronics. ABCIRPSE28FS Datasheet HTML 9Page - TT Electronics. ABCIRPSE28FS Datasheet HTML 10Page - TT Electronics. ABCIRPSE28FS Datasheet HTML 11Page - TT Electronics. ABCIRPSE28FS Datasheet HTML 12Page - TT Electronics. ABCIRPSE28FS Datasheet HTML 13Page - TT Electronics. ABCIRPSE28FS Datasheet HTML 14Page - TT Electronics. ABCIRPSE28FS Datasheet HTML 15Page - TT Electronics. ABCIRPSE28FS Datasheet HTML 16Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
Contact Size
AWG
Part Number
A
B
C
Conductor CSA
mm2
L
ABCIRP**/**KPKP3
16/22
16/22
3.20
0.90
2.30
0.25/0.34
31.75
16/20
16/20
1.10
2.65
0.50/0.60
16/18
16/18
1.25
2.30
0.75/0.93
16
16
1.75
2.75
0.93/1.50
16/14
16/14
1.80
2.90
1.68
ABCIRP**/**KPKP3
12/20
12/20
4.80
1.10
2.65
0.50/0.60
37.50
12/18
12/18
1.25
2.30
0.75/0.93
12/16
12/16
1.75
2.75
0.93/1.50
12/14
12/14
1.80
2.90
1.68
12
12
2.50
3.80
2.50/3.00
12/10
12/10
3.00
4.00
5.53
12/(40)
12/40
2.70
4.00
4.00
ABBP**/**KPKP80
8/16
8/16
7.80
1.75
2.75
0.93/1.50
42.40
8/(40)
8/40
2.90
5.20
4.00
8/12
8/12
2.50
3.80
2.50
8
8
4.55
6.80
9.00
(100)
100
4.40
7.00
10.00
(100/60)
100/60
3.40
5.50
6.00
10
ABCIRP
pin crimp contacts
ABCIRP
( ) = metric
Notes:
Standard plating for size 16 & 12 contacts is gold.
Remove P3 from part numbers above for silver plated contacts.
Standard plating for size 8 & 100 contacts is silver.
Add P3 to part numbers above for gold plated contacts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43