Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ABCIRPSE22FS Fiches technique(PDF) 37 Page - TT Electronics.

No de pièce ABCIRPSE22FS
Description  Modular bayonet lock connector series
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

ABCIRPSE22FS Fiches technique(HTML) 37 Page - TT Electronics.

Back Button ABCIRPSE22FS Datasheet HTML 33Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 34Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 35Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 36Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 37Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 38Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 39Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 40Page - TT Electronics. ABCIRPSE22FS Datasheet HTML 41Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
35
ABCIRP
metal protective caps
ABCIRP
Shell
Size
B Max
C Max
D Max
E1
Max
E2
Max
F1
Max
F2
Max
L
(approx)
d1
Min
d2
+0.5, -0
+0.02, -0
Om Min
Overlap
Mated
18
36.50
38.70
30.80
24.00
27.30
29.80
33.90
150.0
4.85
4.30
15.85
20
39.90
42.10
34.20
22
43.10
45.30
37.40
15.75
24
46.60
48.80
40.90
28
53.40
54.60
46.70
32
60.10
61.30
53.40
27.00
5.50
36
66.30
67.50
59.60
40
72.10
73.40
65.50
ABBE**XPCA M32 (with nylon cord)
ABB**EPCA M32 (with nylon cord)
ABBE**XPCAK M32 (with sash chain)
ABB**EPCAK M32 (with sash chain)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43