| Moteur de recherche de fiches techniques de composants électroniques |
|
PM8804 Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM8804 Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 27 page ![]() DocID031629 Rev 1 23/27 PM8804 Layout guidelines 27 6.4 Component placement Place the PM8804 and all the related components close to each other; use both sides Place all the feedback components close to each other, use both sides Place the sense resistors close to the power MOSFET, if possible on the same side Place the input ceramic capacitors close to the input side of power transformer, if possible on the same side Place the primary snubber network close to the power transformer, on the bottom side Place the rectifier diode or MOSFET close to the output side of the transformer, if possible on the same side Place the secondary snubber network close to the rectifier diode or MOSFET, bottom side Place the decoupling capacitors for VC close to the PM8804 pin 1 Place the components for FSW, DT and SS pins in a quiet area, separated as much as possible from the other signals Use interconnections of at least 20 mils for the following PM8804 pins: GAT1, GAT2, VC. |