Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

076596 Fiches technique(PDF) 3 Page - Mountz Torque. All Rights Reserved.

No de pièce 076596
Description  SAFEGUARDING AGAINST FASTENING FAILURES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOUNTZ [Mountz Torque. All Rights Reserved.]
Site Internet  https://www.mountztorque.com/
Logo MOUNTZ - Mountz Torque. All Rights Reserved.

076596 Fiches technique(HTML) 3 Page - Mountz Torque. All Rights Reserved.

  076596 Datasheet HTML 1Page - Mountz Torque. All Rights Reserved. 076596 Datasheet HTML 2Page - Mountz Torque. All Rights Reserved. 076596 Datasheet HTML 3Page - Mountz Torque. All Rights Reserved. 076596 Datasheet HTML 4Page - Mountz Torque. All Rights Reserved. 076596 Datasheet HTML 5Page - Mountz Torque. All Rights Reserved. 076596 Datasheet HTML 6Page - Mountz Torque. All Rights Reserved. 076596 Datasheet HTML 7Page - Mountz Torque. All Rights Reserved. 076596 Datasheet HTML 8Page - Mountz Torque. All Rights Reserved. 076596 Datasheet HTML 9Page - Mountz Torque. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Quality cam-over technology in the palm
of your hand
THE STATE-OF-THE-ART PRECISION TORQUE DRIVER
Engineered and assembled in Silicon Valley, the Mountz FG line
of precision preset torque screwdrivers are the most advanced
hand tools for high-level process and quality control.
When under- or over-torquing puts your products at risk,
Mountz cam-over torque screwdrivers deliver the accuracy
you need. Mountz cam-over drivers use an internal cam-over
mechanism to reduce the risk of operator error by disengaging
once torque is reached. Our cam-over technology increases
consistency of torque delivered and joint reliability.
Precision and accuracy delivered every time
BREAKTHROUGH ACCURACY AND REPEATABILITY INCREASES OPERATOR
CONFIDENCE AND OVERALL QUALITY OF ASSEMBLY
Mountz FG tools stay in calibration 4X longer than the most
stringent industry standard (ISO 6789). Engineered with a
cam-over mechanism, the poka-yoke screwdriver prevents
over torque. You can give Mountz FG tools to any
operator and have the confidence that they
will deliver the correct torque, time
after time.
Our unique bearing
system eliminates axial
(end) and side loads by
the operator, increasing
consistency of torque
delivered and joint
reliability.
3



Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com