| Moteur de recherche de fiches techniques de composants électroniques |
|
076591 Fiches technique(PDF) 4 Page - Mountz Torque. All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
076591 Fiches technique(HTML) 4 Page - Mountz Torque. All Rights Reserved. |
|
4 / 9 page ![]() Preset cam-over torque screwdriver improves productivity Modern, effective preset torque screwdrivers improve productivity by guaranteeing that the correct torque value is consistently applied to each fastener. Preset torque screwdrivers are ideal for fastening applications where operators repeatedly assemble parts at the same torque setting. A preset screwdriver is similar to setting an alarm clock to signal the achievement of a selected time. The screwdriver is pre-set to the application’s required torque value. The tool signals once torque is achieved. A preset screwdriver doesn’t have an external torque adjustment scale. These tools have an internal torque adjustment mechanism for setting the torque value and preset using a hex key and a torque analyzer. The locking mechanism prevents accidental torque setting changes. Once the tool is set the screwdriver’s end cap is sealed with a calibration sticker and ready to be used. However, if the preset torque value needs to be changed for new fastening application the flexible tool can easily be adjusted to a new preset torque value. The last precision torque screwdriver you’ll ever need to buy! We’ve tested them over millions of cycles in our controlled lab environment and we still can’t break them! It’s why we have an industry-leading warranty. • Mountz FG tools are the only cam-over drivers on the market to offer a two year unlimited warranty. If it breaks in any way, we’ll fix it or replace it for free. • Lifetime guarantee against manufacturing defects. • Warranty includes a free calibration within the first year. 4 |