| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS9LPR501 Fiches technique(PDF) 13 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS9LPR501 Fiches technique(HTML) 13 Page - Integrated Device Technology |
|
13 / 22 page ![]() 13 Integrated Circuit Systems, Inc. ICS9LPR501 1118F—11/06/07 1 11 X Enable Running Running Running Running 0 X X X Enable Low/20K Low Low/20K Low 1 0 X X Enable High Low High Low 1X X X Disable Low/20K Low Low/20K Low Running Running Low/20K Low SRC/LCD SRC#/LCD# SRC/LCD SRC#/LCD# 1X 10 Enable Running Running Running Running Running Running 0 X X X Enable Low/20K Low Low/20K Low Low/20K Low 1X 0 X Enable Running Running High Low Running Running 1X X 1 Enable Running Running Low/20K Low Running Running 1X X X Disable Low/20K Low Low/20K Low Low/20K Low Low/20K Low Low/20K Low Low/20K Low PCIF/PCI PCIF/PCI Free-run Stoppable 1X 1 X Enable Running Running Running Running 0 X X X Enable Low Low Low Low 1X 0 X Enable Running Low Running Running 1X X X Disable Low Low Low Low Low Low Low Low USB REF M1 M1 PD# CPU_STOP# PCI_STOP# CR# SMBus Register OE Singled-ended Power Management Table DOT DOT# Free-Run PCI Stoppable/CR Selected CPU(0,2) CPU(0,2)# M1 PD# CPU_STOP# PCI_STOP# CR# SMBus Register OE SRC, LCD, DOT Power Management Table CPU Power Management Table PD# CPU_STOP# PCI_STOP# CR# SMBus Register OE CPU1 CPU1# |