Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS3045DJF Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STPS3045DJF
Description  45 V, 30 A power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3045DJF Fiches technique(HTML) 6 Page - STMicroelectronics

  STPS3045DJF_V01 Datasheet HTML 1Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 2Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 3Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 4Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 5Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 6Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 7Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 8Page - STMicroelectronics STPS3045DJF_V01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Table 4. PowerFLAT™ 5x6 mechanical data
Dimensions
Ref
Millimeters
Inches (for reference only)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
1.00
0.031
0.039
A1
0.00
0.05
0.000
0.002
b
0.30
0.50
0.01
0.02
c
0.25
0.010
D
4.80
5.40
0.189
0.212
D2
3.91
4.45
0.154
0.175
e
1.27
0.050
E
5.90
6.35
0.232
0.250
E2
3.34
3.70
0.138
0.146
L
0.50
0.80
0.020
0.031
K
1.10
1.575
0.015
0.023
L1
0.05
0.15
0.25
0.002
0.006
0.009
Figure 10. PowerFLAT™ 5x6 recommended footprint (dimensions are in mm)
STPS3045DJF
PowerFLAT™ 5x6 package information
DS6592 - Rev 5
page 6/9



Html Pages

1 2 3 4 5 6 7 8 9