Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS-C200S Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce GS-C200S
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200S Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button GS-C200S Datasheet HTML 23Page - STMicroelectronics GS-C200S Datasheet HTML 24Page - STMicroelectronics GS-C200S Datasheet HTML 25Page - STMicroelectronics GS-C200S Datasheet HTML 26Page - STMicroelectronics GS-C200S Datasheet HTML 27Page - STMicroelectronics GS-C200S Datasheet HTML 28Page - STMicroelectronics GS-C200S Datasheet HTML 29Page - STMicroelectronics GS-C200S Datasheet HTML 30Page - STMicroelectronics GS-C200S Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
28/31
In fig. 17 the block diagram of a closed loop system
is reported.
If the step execution is recognized by a movement
detector that uses either a slotted disk or the motor
velocity coils, two logic signals (x,y) like those re-
ported in fig. 18 are available.
Figure 17. Closed Loop System.
Figure 18. Signal Output of the Movement Detector.
Figure 19. Suggested Logic to Close the Loop.
It is possible, by using these two signals as inputs
(x, y) of the very simple and inexpensive logic circuit
reported in fig. 19, to detect the direction of rotation
and the step execution. The output of the circuit is
then used to condition the step enable input of the
GS-C module allowing the step clock pulse to be
issued only if the previous step has been executed.
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31