| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LVTH574DW.B Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVTH574DW.B Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 30 page ![]() www.ti.com EXAMPLE STENCIL DESIGN 20X (0.6) 20X (0.24) 14X (0.5) (3.3) (4.3) 4X (0.92) (0.77) (0.75) TYP (R0.05) TYP 4X (1.33) (0.56) VQFN - 1 mm max height RGY0020A PLASTIC QUAD FLATPACK - NO LEAD 4225320/A 09/2019 NOTES: (continued) 6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. 21 1 9 10 11 12 2 19 20 SYMM TYP METAL SOLDER PASTE EXAMPLE BASED ON 0.125 mm THICK STENCIL EXPOSED PAD 21 78% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE SCALE:20X SYMM |