Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99H92 Fiches technique(PDF) 67 Page - STMicroelectronics

No de pièce L99H92
Description  Half-bridge pre-driver for automotive applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H92 Fiches technique(HTML) 67 Page - STMicroelectronics

Back Button L99H92 Datasheet HTML 63Page - STMicroelectronics L99H92 Datasheet HTML 64Page - STMicroelectronics L99H92 Datasheet HTML 65Page - STMicroelectronics L99H92 Datasheet HTML 66Page - STMicroelectronics L99H92 Datasheet HTML 67Page - STMicroelectronics L99H92 Datasheet HTML 68Page - STMicroelectronics L99H92 Datasheet HTML 69Page - STMicroelectronics L99H92 Datasheet HTML 70Page - STMicroelectronics L99H92 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
Table 70. QFN32L 5x5 mechanical data
Ref.
Dimension
Millimeters
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
0.05
A2
0.2 REF
A3
0.1
D
5.00 BSC
D2
VARIATIONS
E
5.00 BSC
E2
VARIATIONS
e1
0.5 BSC
k
0.20
L1
0.05
La
0.40
0.50
0.60
bA
0.20
0.25
0.30
h
0.19 REF
h1
0.19 REF
LB
0.45
0.5
0.55
bB
0.20
0.25
0.30
N
32
R1
0.1
Table 71. Tolerance of form and position
Symbol
Tolerance
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
Table 72. Variations of form and position
Symbol
Variations
Min.
Nom.
Max.
Pad opt.
D2
3.40
3.50
3.60
E2
3.40
3.50
3.60
L99H92
QFN32L 5x5 mm package information
DS14069 - Rev 4
page 67/77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77