| Moteur de recherche de fiches techniques de composants électroniques |
|
L99DZ81EP Fiches technique(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ81EP Fiches technique(HTML) 47 Page - STMicroelectronics |
|
47 / 62 page ![]() DocID023145 Rev 2 47/62 L99DZ81EP SPI - control and status registers 61 5.3 Control Register 2 70 — 0 Reserved (must be set to ‘0’) 60 — 0 50 — 0 40 — 0 30 — 0 20 — 0 10 — 0 00 — 0 Table 33. Control Register 1 (continued) Bit Name Access Reset Content Table 34. Control Register 2 Bit Name Access Reset Content 15 0 — 0 Reserved (must be set to ‘0’) 14 0 — 0 13 0 — 0 12 OUT4_OCR Read/write 0 Setting this bit to high enables the overcurrent recovery mode for the corresponding output. 11 OUT5_OCR Read/write 0 10 OUT6_OCR Read/write 0 90 — 0 Reserved (must be set to ‘0’) 80 — 0 70 — 0 60 — 0 50 — 0 4 OUT4_PWM1 Read/write 0 Setting this bit to ‘1’ enables the PWM mode for the corresponding output. 3 OUT5_PWM2 Read/write 0 2 OUT6_PWM3 Read/write 0 10 — 0 Reserved (must be set to ‘0’) 00 — 0 |