| Moteur de recherche de fiches techniques de composants électroniques |
|
L99ASC03TR Fiches technique(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99ASC03TR Fiches technique(HTML) 63 Page - STMicroelectronics |
|
63 / 73 page ![]() DocID023504 Rev 7 63/73 L99ASC03 ST-SPI Protocol 72 After a device state transition to Active mode or Flash mode, the DEVST bits always report the previous device state. If an SPI "Read & Clear" command is performed on these bits, they will then report the current device state. 4.4.11 Device Status Registers 2 Device Status Registers 2 Address: 0x12 Type: R/C [3] WAKESPI: wake-up from SPI detected [2] Reserved [1:0] DEVST: device status 00: Active mode 01: VDD standby mode 10: VBAT standby mode/ POR 11: Flash mode 76 54 32 10 SPI_DI Reserved Reserved Reserved INHST VRT2LOW VDDUV VDDFAIL GSB reported FS — — — Information GW FS FS Clear mode Read & Clear — — — Information Read & Clear Read & Clear Read & Clear Bit Bit description [7] SPI_DI: short circuit on SDI pin detected (all 0's or all 1's detected on SDI pin) [6] Reserved [5] Reserved [4] Reserved [3] INHST: INH pin status (0: logic LOW; 1: logic HIGH) [2] VRT2LOW: VDD detected to be below the VRT2 threshold, in case the VRT1 reset threshold is selected (VDD_VTH = 0). [1] VDDUV: VDD undervoltage detected [0] VDDFAIL: VDD FAIL detected |